|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Integrated Circuit Systems, Inc. ICSSSTVF16859 Advance Information DDR 13-Bit to 26-Bit Registered Buffer Recommended Applications: * DDR Memory Modules: - DDRI (PC1600, PC2100) - DDR333 (PC2700) - DDRI-400 (PC3200) * Provides complete DDR DIMM logic solution with ICS93V857 or ICS95V857 * SSTL_2 compatible data registers Product Features: * Differential clock signals * Meets SSTL_2 signal data * Supports SSTL_2 class I specifications on outputs * Low-voltage operation - VDD = 2.3V to 2.7V * Available in 64 pin TSSOP and 56 pin MLF packages Pin Configurations Q13A Q12A Q11A Q10A Q9A VDDQ GND Q8A Q7A Q6A Q5A Q4A Q3A Q2A GND Q1A Q13B VDDQ Q12B Q11B Q10B Q9B Q8B Q7B Q6B GND VDDQ Q5B Q4B Q3B Q2B Q1B 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 VDDQ GND D13 D12 VDD VDDQ GND D11 D10 D9 GND D8 D7 RESET# GND CLK# CLK VDDQ VDD VREF D6 GND D5 D4 D3 GND VDDQ VDD D2 D1 GND VDDQ Truth Table1 Inputs RESET# L H H H CLK X or Floating L or H CLK# X or Floating L or H D X or Floating H L X Q Outputs Q L H L Q0(2) 64-Pin TSSOP 6.10 mm. Body, 0.50 mm. pitch Q8A VDDQ Q9A Q10A Q11A Q12A Q13A VDDQ GND D13 D12 VDD VDDQ D11 56 43 Notes: 1. H = "High" Signal Level L = "Low" Signal Level = Transition "Low"-to-"High" = Transition "High"-to-"Low" X = Don't Care Output level before the indicated steady state input conditions were established. 2. Block Diagram CLK CLK# RESET# D1 VREF R CLK D1 Q1A Q1B Q7A 1 Q6A Q5A Q4A Q3A Q2A Q1A Q13B VDDQ Q12B Q11B Q10B Q9B Q8B 14 15 ICSSSTVF16859 42 D10 ICSSSTVF16859 D9 D8 D7 RESET# GND CLK# CLK VDDQ VDD VREF D6 D5 29 D4 28 To 12 Other Channels 0776--03/18/03 ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals. ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners. Q7B Q6B VDDQ Q5B Q4B Q3B Q2B Q1B VDDQ D1 D2 VDD VDDQ D3 56-Pin VFQFN (MLF2) ICSSSTVF16859 Advance Information General Description The 13-bit-to-26-bit ICSSSTVF16859 is a universal bus driver designed for 2.3V to 2.7V VDD operation and SSTL_2 I/O levels, except for the LVCMOS RESET# input. Data flow from D to Q is controlled by the differential clock (CLK/CLK#) and a control signal (RESET#). The positive edge of CLK is used to trigger the data flow and CLK# is used to maintain sufficient noise margins where as RESET#, an LVCMOS asynchronous signal, is intended for use at the time of power-up only. ICSSSTVF16859 supports lowpower standby operation. A logic level "Low" at RESET# assures that all internal registers and outputs (Q) are reset to the logic "Low" state, and all input receivers, data (D) and clock (CLK/CLK#) are switched off. Please note that RESET# must always be supported with LVCMOS levels at a valid logic state because VREF may not be stable during power-up. To ensure that outputs are at a defined logic state before a stable clock has been supplied, RESET# must be held at a logic "Low" level during power up. In the DDR DIMM application, RESET# is specified to be completely asynchronous with respect to CLK and CLK#. Therefore, no timing relationship can be guaranteed between the two signals. When entering a low-power standby state, the register will be cleared and the outputs will be driven to a logic "Low" level quickly relative to the time to disable the differential input receivers. This ensures there are no glitches on the output. However, when coming out of low-power standby state, the register will become active quickly relative to the time to enable the differential input receivers. When the data inputs are at a logic level "Low" and the clock is stable during the "Low"-to-"High" transition of RESET# until the input receivers are fully enabled, the design ensures that the outputs will remain at a logic "Low" level. Pin Configuration (64-Pin TSSOP) PIN NUMBER 1-5, 8-14, 16, 17, 19-25, 28-32 7, 15, 26, 34, 39, 43, 50, 54, 58, 63 6, 18, 27, 33, 38, 47, 59, 64 35, 36, 40-42, 44, 52, 53, 5557, 61, 62 48 49 37, 46, 60 51 45 PIN NAME Q (13:1) GND VDDQ D (13:1) CLK CLK# VDD RESET# VREF TYPE OUTPUT PWR PWR INPUT INPUT INPUT PWR INPUT INPUT Data output Ground Output supply voltage, 2.5V nominal Data input Positive master clock input Negative master clock input Core supply voltage, 2.5V nominal Reset (active low) Input reference voltage, 2.5V nominal DESCRIPTION Pin Configuration (56-Pin MLF2) PIN NUMBER 1-8, 10-16, 18-22, 50-54, 56 37, 48 9, 17, 23, 27, 34, 44, 49, 55 24, 25, 28-31, 39-43, 46, 47 35 36 26, 33, 45 38 32 0776--03/18/03 PIN NAME Q (13:1) GND VDDQ D (13:1) CLK CLK# VDD RESET# VREF Center PAD TYPE OUTPUT PWR PWR INPUT INPUT INPUT PWR INPUT INPUT PWR Data output Ground DESCRIPTION Output supply voltage, 2.5V nominal Data input Positive master clock input Negative master clock input Core supply voltage, 2.5V nominal Reset (active low) Input reference voltage, 2.5V nominal Ground (MLF2 package only) 2 ICSSSTVF16859 Advance Information Absolute Maximum Ratings Storage Temperature . . . . . . . . . . . . . . . . . . . . Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . Input Voltage1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output Voltage1,2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input Clamp Current . . . . . . . . . . . . . . . . . . . . Output Clamp Current . . . . . . . . . . . . . . . . . . . Continuous Output Current . . . . . . . . . . . . . . . VDD, VDDQ or GND Current/Pin . . . . . . . . . . . Package Thermal Impedance 3 ............... -65C to +150C -0.5 to 3.6V -0.5 to VDD +0.5 -0.5 to VDDQ +0.5 50 mA 50 mA 50 mA 100 mA 55C/W Notes: 1. The input and output negative voltage ratings may be excluded if the input and output clamp ratings are observed. 2. This current will flow only when the output is in the high state level V0 >VDDQ. 3. The package thermal impedance is calculated in accordance with JESD 51. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability. Recommended Operating Conditions - DDRI/DDR333 (PC1600, PC2100, PC2700) PARAMETER V DD V DDQ VREF VTT VI VIH (DC) VIH (AC) VIL (DC) VIL (DC) VIH VIL VICR VID VIX IOH IOL TA 1 DESCRIPTION Supply Voltage I/O Supply Voltage Reference Voltage Termination Voltage Input Voltage DC Input High Voltage AC Input High Voltage Data Inputs DC Input Low Voltage AC Input Low Voltage Input High Voltage Level RESET# Input Low Voltage Level Common mode Input Range CLK, CLK# Differential Input Voltage Cross Point Voltage of Differential Clock Pair High-Level Output Current Low-Level Output Current Operating Free-Air Temperature MIN 2.3 2.3 1.15 VREF - 0.04 0 VREF + 0.15 VREF + 0.31 TYP 2.5 2.5 1.25 V REF MAX 2.7 2.7 1.35 V REF + 0.04 V DDQ UNITS VREF - 0.15 VREF - 0.31 1.7 0.97 0.36 (V DDQ/2) - 0.2 0.7 1.53 V (VDDQ/2) + 0.2 -16 16 70 mA C 0 Guaranteed by design, not 100% tested in production. 0776--03/18/03 3 ICSSSTVF16859 Advance Information Recommended Operating Conditions - DDRI-400 (PC3200) PARAMETER V DD V DDQ VREF VTT VI VIH (DC) VIH (AC) VIL (DC) VIL (DC) VIH VIL VICR VID VIX IOH IOL TA 1 DESCRIPTION Supply Voltage I/O Supply Voltage Reference Voltage Termination Voltage Input Voltage DC Input High Voltage AC Input High Voltage Data Inputs DC Input Low Voltage AC Input Low Voltage Input High Voltage Level RESET# Input Low Voltage Level Common mode Input Range CLK, CLK# Differential Input Voltage Cross Point Voltage of Differential Clock Pair High-Level Output Current Low-Level Output Current Operating Free-Air Temperature MIN 2.5 2.5 1.25 VREF - 0.04 0 VREF + 0.15 VREF + 0.31 TYP 2.6 2.6 1.3 V REF MAX 2.7 2.7 1.35 V REF + 0.04 V DDQ UNITS VREF - 0.15 VREF - 0.31 1.7 0.97 0.36 (V DDQ/2) - 0.2 0.7 1.53 V (VDDQ/2) + 0.2 -16 16 70 mA C 0 Guaranteed by design, not 100% tested in production. 0776--03/18/03 4 ICSSSTVF16859 Advance Information DC Electrical Characteristics - DDRI/DDR333 (PC1600, PC2100, PC2700) TA = 0 - 70C; VDD = 2.5 +/-0.2V, V DDQ=2.5 +/-0.2V; (unless otherwise stated) SYMBOL VIK VOH PARAMETERS I I = -18mA I OH = -100A I OH = -8mA I OL = 100A I OL = 8mA All Inputs V I = VDD or GND Standby (Static) RESET# = GND V I = VIH(AC) or V IL(AC), Operating (Static) RESET# = VDD RESET# = VDD, Dynamic operating V I = VIH(AC) or V IL(AC), (clock only) CLK and CLK# switching 50% duty cycle. IO = 0 RESET# = VDD, V I = VIH(AC) or V IL (AC), Dynamic Operating CLK and CLK# switching (per each data input) 50% duty cycle. One data input switching at half clock frequency, 50% duty cycle I OH = -16mA Output High Output Low I OL = 16mA [rOH - rOL] each I O = 20mA, TA = 25 C separate bit Data Inputs V I = VREF 350mV V ICR = 1.25V, V I(PP) = 360mV CLK and CLK# CONDITIONS VDDQ 2.3V 2.3V-2.7V 2.3V 2.3V-2.7V 2.3V 2.7V V DDQ 0.2 1.95 0.2 0.35 5 0.01 25 MIN TYP MAX -1.2 UNITS V VOL II I DD A A mA 30 2.7V /clock MHz I DDD 10 A/ clock MHz/data rOH rOL rO(D) Ci 2.3V-2.7V 2.3V-2.7V 2.5V 2.5V 7 7 13.5 13 20 20 4 pF 2.5 2.5 3.5 3.5 Notes: 1 - Guaranteed by design, not 100% tested in production. 0776--03/18/03 5 ICSSSTVF16859 Advance Information DC Electrical Characteristics - DDRI-400 (PC3200) TA = 0 - 70C; VDD = 2.5 +/-0.2V, V DDQ=2.5 +/-0.2V; (unless otherwise stated) SYMBOL VIK VOH PARAMETERS I I = -18mA I OH = -100A I OH = -8mA I OL = 100A I OL = 8mA All Inputs V I = VDD or GND Standby (Static) RESET# = GND V I = VIH(AC) or V IL(AC), Operating (Static) RESET# = VDD RESET# = VDD, Dynamic operating V I = VIH(AC) or V IL(AC), (clock only) CLK and CLK# switching 50% duty cycle. IO = 0 RESET# = VDD, V I = VIH(AC) or V IL (AC), Dynamic Operating CLK and CLK# switching (per each data input) 50% duty cycle. One data input switching at half clock frequency, 50% duty cycle I OH = -16mA Output High Output Low I OL = 16mA [rOH - rOL] each I O = 20mA, TA = 25 C separate bit Data Inputs V I = VREF 350mV V ICR = 1.25V, V I(PP) = 360mV CLK and CLK# CONDITIONS VDDQ 2.5V 2.5V-2.7V 2.7V 2.5V-2.7V 2.5V 2.7V V DDQ 0.2 1.95 0.2 0.35 5 0.01 25 MIN TYP MAX -1.2 UNITS V VOL II I DD A A mA 30 2.7V /clock MHz I DDD 10 A/ clock MHz/data rOH rOL rO(D) Ci 2.5V-2.7V 2.5V-2.7V 2.6V 2.6V 7 7 13.5 13 20 20 4 pF 2.5 2.5 3.5 3.5 Notes: 1 - Guaranteed by design, not 100% tested in production. 0776--03/18/03 6 ICSSSTVF16859 Advance Information Timing Requirements1 (over recommended operating free-air temperature range, unless otherwise noted) VDDQ = 2.5V 0.2V PARAMETERS SYMBOL MIN MAX Clock frequency 270 fclock Output slew rate 1 4 tSL 0.4 Setup time, fast slew rate 2 & 4 Data before CLK , CLK# tS 0.6 Setup time, slow slew rate 3 & 4 2&4 0.4 Hold time, fast slew rate Th Data after CLK , CLK# 0.5 Hold time, slow slew rate 3 & 4 1 - Guaranteed by design, not 100% tested in production. Notes: 2 - For data signal input slew rate of 1V/ns. 3 - For data signal input slew rate of 0.5V/ns and < 1V/ns. 4 - CLK, CLK# signals input slew rate of 1V/ns. UNITS MHz V/ns ns ns ns ns Switching Characteristics - DDRI/DDR333 (PC1600, PC2100, PC2700) (over recommended operating free-air temperature range, unless otherwise noted) (see Figure 1) V DD = 2.5V 0.2V From To SYMBOL UNITS (Input) (Output) MIN TYP MAX 210 MHz fmax CLK, CLK# (TSSOP) Q 1.6 2.1 2.6 ns tPD CLK, CLK# (VFQFN[MLF2]) Q 1.6 2.1 2.6 ns RESET# Q 3.5 ns tphl Switching Characteristics - DDRI-400 (PC3200) (over recommended operating free-air temperature range, unless otherwise noted) (see Figure 1) V DD = 2.6V 0.1V From To SYMBOL UNITS (Input) (Output) MIN TYP MAX 210 MHz fmax Q 1.1 2.2 ns tPD (VFQFN[MLF2]) tPDSS Q 2.48 ns RESET# Q 3.5 ns tphl 0776--03/18/03 7 ICSSSTVF16859 Advance Information From Output Under Test Test Point CL = 30 pF (see Note 1) 500 Load Circuit LVCMOS RESET# Input tinact IDD (see note 2) VDDQ VDDQ/2 VDDQ/2 VI(pp) 0V tact 90% IDDH 10% Voltage and Current Waveforms Inputs Active and Inactive Times tw VIH Input VREF VREF VIL LVCMOS RESET# Input VIH VDD/2 tPHL tS Input VREF th VIH VREF VIL Voltage Waveforms - Setup and Hold Times Voltage Waveforms - Propagation Delay Times Output VTT VOL VOH VIL Voltage Waveforms - Pulse Duration VI(pp) Timing Input VICR IDDL Output Timing Input tPHL VTT VTT VICR VICR tPHL VOH VOL Voltage Waveforms - Propagation Delay Times Figure 1 - Parameter Measurement Information (VDDQ = 2.5V 0.2V) Notes: 1. CL incluces probe and jig capacitance. 2. IDD tested with clock and data inputs held at VDDQ or GND, and IO = 0 mA. 3. All input pulses are supplied by generators having the following characteristics: PRR @10 MHz, Zo=50, input slew rate = 1 V/ns 20% (unless otherwise specified). 4. The outputs are measured one at a time with one transition per measurement. 5. VTT = VREF = VDDQ/2 6. VIH = VREF + 310mV (AC voltage levels) for differential inputs. VIH = VDDQ for LVCMOS input. 7. VIL = VREF - 310mV (AC voltage levels) for differential inputs. VIL = GND for LVCMOS input. 8. tPLH and tPHL are the same as tpd 0776--03/18/03 8 ICSSSTVF16859 Advance Information N c L INDEX AREA E1 E 12 D a A2 A1 A In Millimeters In Inches SYMBOL COMMON DIMENSIONS COMMON DIMENSIONS MIN MAX MIN MAX A -1.20 -.047 A1 0.05 0.15 .002 .006 A2 0.80 1.05 .032 .041 b 0.17 0.27 .007 .011 c 0.09 0.20 .0035 .008 SEE VARIATIONS SEE VARIATIONS D 8.10 BASIC 0.319 BASIC E E1 6.00 6.20 .236 .244 0.50 BASIC 0.020 BASIC e L 0.45 0.75 .018 .030 SEE VARIATIONS SEE VARIATIONS N 0 8 0 8 aaa -0.10 -.004 VARIATIONS N 64 10-0039 -Ce b SEATING PLANE aaa C D mm. MIN MAX 16.90 17.10 D (inch) MIN .665 MAX .673 Ref erence Doc.: JEDEC Publication 95, M O-153 6.10 mm. Body, 0.50 mm. pitch TSSOP (0.020 mil) (240 mil) Ordering Information ICSSSTVF16859yG-T Example: ICS XXXX y G - PPP - T Designation for tape and reel packaging Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type G = TSSOP Revision Designator (will not correlate with datasheet revision) Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device 0776--03/18/03 9 ICSSSTVF16859 Advance Information Symbol A A1 A2 A3 D D1 E E1 P R e N Nd Ne 0.24 0 . 13 0.00 - Common Dime ns ions 0.85 0.01 0.65 0.20 BSC 8.00 BSC 7.75 BSC 8.00 BSC 7.75 BSC 12 0.42 0.17 0.50 BSC 56 14 14 0.30 0.18 0.00 4.35 5.05 0.40 0.23 0.20 4.50 5.20 0.50 0.30 0.45 4.65 5.35 0.60 0.23 1.00 0.05 0.80 56 pin MLF2 Pitch Varation D Ordering Information ICSSSTVF16859yK Example: L b Q D2 E2 ICS XXXX y K - PPP - T Designation for tape and reel packaging Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type K = MLF Revision Designator (will not correlate with datasheet revision) Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device 0776--03/18/03 10 |
Price & Availability of ICSSSTVF16859BK |